PART |
Description |
Maker |
SUV2510NIL HBO2510NIL HBO2510W HSH2510NIL0 HSH2510 |
Lamp for photolithography. Power 2500 watts, current 109 amps(DC), voltage 23 volts(DC). Temperature(at base) 220degC(max). Lamps for Photolithography
|
PERKINELMER[PerkinElmer Optoelectronics]
|
HSH2501NIL0 SUV-2501NIL HBO2501NIL HBO2501W HSH250 |
Lamp for photolithography. Power 2500 watts, current 109 amps(DC), voltage 23 volts(DC). Temperature(at base) 220degC(max). Lamps for Photolithography
|
PERKINELMER[PerkinElmer Optoelectronics]
|
FM2500W FM2500W-W |
0.15 A, 2500 V, SILICON, SIGNAL DIODE HIGH VOLTAGE RECTIFIER VOLTAGE 2500 Volts CURRENT 0.15 Ampere
|
RECTRON LTD Rectron Semiconductor
|
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
SVZ5.6 SVZ1400 |
100-6500 AMPS 70-4500 VOLTS 73.5-1820 VOLTS 5.6-1400 VOLTS SURGE ARRESTOR MODULE
|
Solid States Devices, Inc. SSDI[Solid States Devices, Inc]
|
NTMD3N08LR2 |
Power MOSFET 2.3 Amps, 80 Volts N Channel SO-8; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 2.3 A, 80 V, 0.215 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTTD2P02R2-D NTTD2P02R2/D |
Power MOSFET -2.4 Amps-20 Volts Power MOSFET -2.4 Amps, -20 Volts Dual P-Channel Micro8
|
ON Semiconductor
|
NTD14N03R07 NTD14N03RT4G NTD14N03R-001 NTD14N03R-1 |
Power MOSFET 14 A, 25 V N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
|
Rectron Semiconductor
|
R2500 |
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
|
WILLAS ELECTRONIC CORP
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
|